Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 88 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 148 page
background image
Motorola Bus (M Bus) Interface
General Release Specification
MC68HC705E5 — Rev. 1.0
Motorola Bus (M Bus) Interface
11.7 M-Bus Pin Configuration
When the M-bus interface is enabled with the MEN bit and the MMUX bit
in the M-bus control register (MCR), the port B data direction register bits
6 and 7 relinquish control to the M-bus control register bits. Enabling the
M-bus does not alter the state of the port B DDR bits.
11.8 Programming Considerations
Programming considerations are discussed in the following subsections.
11.8.1 Initialization
Initialization is accomplished using the following steps:
1. Update frequency divider register (MFDR) to select an SCL
frequency.
2. Update M-bus address register (MADR) to define its own slave
address.
3. Set MEN bit of the M-bus control register (MCR) to enable the
M-bus interface system and set the MMUX bit to allow M-bus
control of the PB7 and PB6 pins.
4. Modify the M-bus control register (MCR) bits to select
master/slave mode, transmit/receive mode, interrupt enable, or
not.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com