Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 93 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 148 page
background image
Motorola Bus (M Bus) Interface
Operation During Wait Mode
MC68HC705E5 — Rev. 1.0
General Release Specification
Motorola Bus (M Bus) Interface
MAL = 1 and MSTA = 0. If one master attempts to start transmission
while the bus is being engaged by another master:
1. The hardware will inhibit the transmission.
2. The MSTA bit will switch from one to zero without generating a
stop condition.
3. Interrupt to CPU will be generated.
4. MAL will be set to indicate that the attempt to engage the bus has
failed.
In consideration of these cases, the slave service routine should test the
MAL first, and software should clear the MAL bit if it is set.
11.9 Operation During Wait Mode
During wait mode the M-bus block is idle. If in slave mode, the M-bus
block will wake up on receiving a valid start condition. If the interrupt is
enabled, the CPU will come out of wait mode after the end of a byte
transmission.
11.10 Operation During Stop Mode
In stop mode, the whole block is disabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com