Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 49 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 45Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 46Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 47Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 48Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 49Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 50Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 51Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 52Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
Operating Modes
Low-Power Modes
MC68HC705E5 — Rev. 1.0
General Release Specification
Operating Modes
Refer to Figure 4-2 and to 4.10 Operation During Stop Mode for
additional information.
6.5.2 Wait Mode
The WAIT instruction places the MCU in a low power-consumption
mode, but the wait mode consumes more power than the stop mode. All
CPU action is suspended, but the timer, CPI, COP, SSI, and M bus
remain active. An interrupt from the timer, SSI, or M bus can cause the
MCU to exit the wait mode.
During the wait mode, the I bit in the CCR is cleared to enable interrupts.
All other registers, memory, and input/output lines remain in their
previous state. The timer, SSI, and/or IIC modules may be enabled to
allow a periodic exit from the wait mode.
Refer to Figure 4-2 and to 4.11 Operation During Wait Mode for
additional information.
6.5.3 Data-Retention Mode
The contents of RAM and CPU registers are retained at supply voltages
as low as 2.0 Vdc. This is called the data-retention mode where the data
is held, but the device is not guaranteed to operate. RESET must be held
low during data-retention mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com