Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 72 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 71Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 148 page
background image
Motorola Bus (M Bus) Interface
General Release Specification
MC68HC705E5 — Rev. 1.0
Motorola Bus (M Bus) Interface
11.8.6
Slave Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .92
11.8.7
Arbitration Lost . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .92
11.9
Operation During Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . .93
11.10 Operation During Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . .93
11.2 Introduction
Motorola bus (M bus) is a 2-wire, bidirectional serial bus which provides
a simple, efficient way for data exchange between devices. It is fully
compatible to I2C bus standards and is similar to the MC68HC05T10.
This bus is suitable for applications that require frequent
communications over a short distance between a number of devices. It
also provides a flexibility that allows additional devices to be connected
to the bus. The maximum data rate is limited to 100 Kbits and the
maximum communication distance and number of devices that can be
connected is limited by the maximum bus capacitance of 400 pF.
The M-bus system is a true multimaster bus including collision detection
and arbitration to prevent data corruption if two or more masters intend
to control the bus simultaneously. This feature provides the capability for
complex applications with multiprocessor control. It may also be used for
rapid testing and alignment of end products by way of external
connections to an assembly-line computer.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com