Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 61 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 62Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 63Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 64Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 148 page
background image
MC68HC705E5 — Rev. 1.0
General Release Specification
Phase-Locked Loop (PLL) Synthesis
General Release Specification — MC68HC705E5
Section 9. Phase-Locked Loop (PLL) Synthesis
9.1 Contents
9.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .61
9.3
Phase-Locked Loop Control Register. . . . . . . . . . . . . . . . . . . .63
9.4
Operation During Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . .65
9.5
Noise Immunity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .65
9.2 Introduction
The PLL consists of a variable bandwidth loop filter, a voltage-controlled
oscillator (VCO), a feedback frequency divider, and a digital phase
detector. The PLL requires an external loop filter capacitor (typically
0.1
µF) connected between XFC and V
DDSYN. This capacitor should be
located as close to the chip as possible to minimize noise. VDDSYN is the
supply source for the PLL and should be bypassed to minimize noise.
The VDDSYN bypass cap should be as close as possible to the chip.
The phase detector compares the frequency and phase of the feedback
frequency (t
FB) and the crystal oscillator reference frequency (tREF) and
generates the output, PCOMP, as shown in Figure 9-1. The output
waveform is then integrated and amplified. The resultant DC voltage is
applied to the voltage controlled oscillator. The output of the VCO is
divided by a variable frequency divider of 256, 128, 64, or 32 to provide
the feedback frequency for the phase detector.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com