Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 84 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 82Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 83Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 84Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 85Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 86Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 148 page
background image
Motorola Bus (M Bus) Interface
General Release Specification
MC68HC705E5 — Rev. 1.0
Motorola Bus (M Bus) Interface
11.6.4 M-Bus Status Register
This status register is software readable only with exception of bit 1
(MIF) and bit 4 (MAL) which are software clearable. All bits are cleared
upon reset except bit 7 (MCF) and bit 0 (RXAK).
MCF — Data Transferring Bit
While one byte of data is being transferred, this bit is cleared. It is set
by the falling edge of the ninth clock of a byte transfer.
1 = Transfer complete
0 = Transfer in progress
MAAS — Addressed as a Slave Bit
When its own specific address (MADR) is matched with the calling
address, this bit is set. The CPU is interrupted provided MIEN is set.
Then CPU needs to check the SRW bit and set its TX/RX mode
accordingly.
1 = Addressed as a slave
0 = Not addressed
Writing to the M-bus control register clears this bit.
MBB — Bus Busy Bit
This bit indicates the status of the bus. When a start signal is
detected, the MBB is set. If a stop signal is detected, it is cleared.
1 = Bus busy
0 = Bus idle
Address:
$001B
Bit 7
654321
Bit 0
Read:
MCF
MAAS
MBB
MAL
SRW
MIF
RXAK
Write:
MAL CLR
MIF CLR
Reset:
1000
—
001
= Unimplemented
Figure 11-7. M-Bus Status Register (MSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com