Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705E5GRS/D Datasheet(PDF) 98 Page - NXP Semiconductors

Part # HC705E5GRS/D
Description  General Release Specification
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705E5GRS/D Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button HC705E5GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 95Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 96Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705E5GRS/D Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 148 page
background image
Synchronous Serial Interface (SSI)
General Release Specification
MC68HC705E5 — Rev. 1.0
Synchronous Serial Interface (SSI)
12.3 SSI Signals
The following sections describe the SSI signals.
12.3.1 Serial Clock (SCK)
In master mode (MSTR = 1), the SCK pin is an output with a selectable
frequency of:
fop divided by 16 (SR1:SR0 = 00),
fop divided by 8 (SR1:SR0 = 01),
fop divided by 4 (SR1:SR0 = 10), or
fop divided by 2 (SR1:SR0 = 11).
This pin will be high (CPOL = 1) or low (CPOL = 0) between
transmissions.
In slave mode (MSTR = 0), the SCK pin is an input and the clock must
be supplied by an external master with a maximum frequency of fop
divided by 2. There is no minimum SCK frequency. This pin should be
driven high (CPOL = 1) or low (CPOL = 0) between transmissions by the
external master and must be stable before the SSI is first enabled
(SE = 1).
NOTE:
Data is always captured with the SDIO pin on the rising edge of SCK.
Data is always shifted out and presented at the SDIO pin on the falling
edge of SCK.
12.3.2 Serial Data Input/Output (SDIO)
This pin receives and transmits data to or from the SSI module as
described in the following paragraphs.
SDIO as an Output Pin
Prior to enabling the SSI (SE = 0), the SDIO pin will be three-stated.
The SDIO pin will be active when the SSI is enabled (SE = 1), the
serial direction (SDIR = 1) bit is set, and MSTR = 1. The state of the
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com