Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
21
DDR SDRAM
6.2 DDR SDRAM AC Electrical Characteristics
This section provides the AC electrical characteristics for the DDR SDRAM interface.
6.2.1 DDR SDRAM Input AC Timing Specifications
Table 14 provides the input AC timing specifications for the DDR SDRAM interface.
Figure 4. DDR SDRAM Interface Input Timing
6.2.2 DDR SDRAM Output AC Timing Specifications
6.2.2.1 DLL Enabled Mode
Table 15 and Table 16 provide the output AC timing specifications and measurement conditions for the DDR
SDRAM interface with the DDR DLL enabled.
Table 14. DDR SDRAM Input AC Timing Specifications
At recommended operating conditions with GVDD of 2.5 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—
MVREF – 0.31
V
AC input high voltage
VIH
MVREF + 0.31
GVDD + 0.3
V
MDQS—MDQ/MECC input skew per byte
For DDR = 333 MHz
For DDR
≤ 266 MHz
tDISKEW
-750
-1125
750
1125
ps
1, 2
Note:
1.Maximum possible skew between a data strobe (MDQS[n]) and any corresponding bit of data (MDQ[8n + {0...7}] if 0
≤ n ≤ 7) or ECC (MECC[{0...7}] if n = 8).
2.For timing budget analysis, the MPC8560 consumes
±550 ps of the total budget.
Table 15. DDR SDRAM Output AC Timing Specifications - DLL Mode
At recommended operating conditions with GVDD of 2.5 V ± 5%.
Parameter
Symbol 1
Min
Max
Unit
Notes
MCK[n] cycle time, (MCK[n]/MCK[n] crossing)
tMCK
6
10
ns
2
On chip Clock Skew
tMCKSKEW
—
150
ps
3, 8
MDQS[n]
MDQ[n]
tDISKEW
tDISKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com