Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
25
Ethernet: Three-Speed, MII Management
7
Ethernet: Three-Speed, MII Management
This section provides the AC and DC electrical characteristics for three-speed and MII management.
7.1 Three-Speed Ethernet Controller (TSEC)
(10/100/1Gb Mbps)—GMII/MII/TBI/RGMII/RTBI Electrical
Characteristics
The electrical characteristics specified here apply to all GMII (gigabit media independent interface), MII (media
independent interface), TBI (ten-bit interface), RGMII (reduced gigabit media independent interface), and RTBI
(reduced ten-bit interface) signals except MDIO (management data input/output) and MDC (management data
clock). The RGMII and RTBI interfaces are defined for 2.5 V, while the GMII, MII, and TBI interfaces can be
operated at 3.3 or 2.5 V. Whether the GMII, MII, or TBI interface is operated at 3.3 or 2.5 V, the timing is compliant
with the IEEE 802.3 standard. The RGMII and RTBI interfaces follow the Hewlett-Packard reduced pin-count
interface for Gigabit Ethernet Physical Layer Device Specification Version 1.2a (9/22/2000). The electrical
characteristics for MDIO and MDC are specified in Section 7.3, “Ethernet Management Interface Electrical
Characteristics.”
7.1.1 TSEC DC Electrical Characteristics
All GMII,MII, TBI, RGMII, and RTBI drivers and receivers comply with the DC parametric attributes specified in
Table 18 and Table 19. The potential applied to the input of a GMII,MII, TBI, RGMII, or RTBI receiver may exceed
the potential of the receiver’s power supply (i.e., a GMII driver powered from a 3.6 V supply driving VOH into a
GMII receiver powered from a 2.5 V supply). Tolerance for dissimilar GMII driver and receiver supply potentials
is implicit in these specifications. The RGMII and RTBI signals are based on a 2.5 V CMOS interface voltage as
defined by JEDEC EIA/JESD8-5.
Table 18. GMII, MII, and TBI DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Supply voltage 3.3 V
LVDD
3.13
3.47
V
Output high voltage
(LVDD = Min, IOH = –4.0 mA)
VOH
2.40
LVDD + 0.3
V
Output low voltage
(LVDD = Min, IOL = 4.0 mA)
VOL
GND
0.50
V
Input high voltage
VIH
1.70
LVDD + 0.3
V
Input low voltage
VIL
–0.3
0.90
V
Input high current
(VIN
1 = LV
DD)
IIH
—
40
µA
Input low current
(VIN
1 = GND)
IIL
–600
—
µA
Note:
1.The symbol VIN, in this case, represents the LVIN symbol referenced in Table 1 and Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com