Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
23
DDR SDRAM
Figure 5 provides the AC test load for the DDR bus.
Figure 5. DDR AC Test Load
Figure 6 shows the DDR SDRAM output timing diagram.
Figure 6. DDR SDRAM Output Timing Diagram
Table 16. DDR SDRAM Measurement Conditions
Symbol
DDR
Unit
Notes
VTH
MVREF ± 0.31 V
V
1
VOUT
0.5
× GVDD
V
2
Notes:
1.Data input threshold measurement point.
2.Data output measurement point.
Output
GVDD/2
RL = 50 Ω
Z0 = 50 Ω
ADDR/CMD
DLL Phase Alignment
tDDKHOV
tDDSHMH
tDDKLDS
tDDKHDS
MDQ[x]
MDQS[n]
MSYNC_IN
MSYNC_OUT
MCK[n]
MCK[n]
tMCK
tDDSHME
tDDKLDX
tDDKHDX
tDDSHMP
D1
D0
tDDKHOX
Write A0
NOOP
tMCK
tMCKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com