Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
46
Freescale Semiconductor
CPM
Figure 23 provides the AC test load for the CPM.
Figure 23. CPM AC Test Load
Figure 24 through Figure 29 represent the AC timing from Table 33 and Table 34. Note that although the
specifications generally reference the rising edge of the clock, these AC timing diagrams also apply when the falling
edge is the active edge.
COL/CRS width high (FCC)
tFCCH
1.5
CLK
Notes:
1.Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of Serial Clock.
Timings are measured at the pin.
2.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tFIIVKH symbolizes the FCC inputs internal timing (FI) with respect to the time the input signals (I) reaching the valid
state (V) relative to the reference clock tFCC (K) going to the high (H) state or setup time. And tTDIXKH symbolizes
the TDM timing (TD) with respect to the time the input signals (I) reach the invalid state (X) relative to the reference
clock tFCC (K) going to the high (H) state or hold time.
3.PIO and TIMER inputs and outputs are asynchronous to SYSCLK or any other externally visible clock. PIO/TIMER
inputs are internally synchronized to the CPM internal clock. PIO/TIMER outputs should be treated as
asynchronous.
Table 34. CPM Output AC Timing Specifications 1
Characteristic
Symbol 2
Min
Max
Unit
FCC outputs—internal clock (NMSI) delay
tFIKHOX
1
5.5
ns
FCC outputs—external clock (NMSI) delay
tFEKHOX
2
8
ns
SCC/SPI outputs—internal clock (NMSI) delay
tNIKHOX
0.5
10
ns
SCC outputs—external clock (NMSI) delay
tNEKHOX
2
8
ns
SPI output—external clock (NMSI) delay
tSEKHOX
2
11
ns
TDM outputs/SI delay
tTDKHOX
2.5
11
ns
Notes:
1.Output specifications are measured from the 50% level of the rising edge of Serial Clock to the 50% level of the
signal. Timings are measured at the pin.
2.The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tFIKHOX symbolizes the FCC inputs internal timing (FI) for the time tFCC memory clock reference (K) goes from the
high state (H) until outputs (O) are invalid (X).
Table 33. CPM Input AC Timing Specifications 1 (continued)
Characteristic
Symbol 2
Min 3
Unit
Output
OVDD/2
RL = 50 Ω
Z0 = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com