Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
75
14.3 Pinout Listings
Table 53 provides the pin-out listing for the MPC8560, 783 FC-PBGA package.
Table 53. MPC8560 Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI/PCI-X
PCI_AD[63:0]
AA14, AB14, AC14, AD14, AE14, AF14,
AG14, AH14, V15, W15, Y15, AA15, AB15,
AC15, AD15, AG15, AH15, V16, W16,
AB16, AC16, AD16, AE16, AF16, V17, W17,
Y17, AA17, AB17, AE17, AF17, AF18, AH6,
AD7, AE7, AH7, AB8, AC8, AF8, AG8, AD9,
AE9, AF9, AG9, AH9, W10, Y10, AA10,
AE11, AF11, AG11, AH11, V12, W12, Y12,
AB12, AD12, AE12, AG12, AH12, V13, Y13,
AB13, AC13
I/O
OVDD
17
PCI_C_BE[7:0]
AG13, AH13, V14, W14, AH8, AB10, AD11,
AC12
I/O
OVDD
17
PCI_PAR
AA11
I/O
OVDD
PCI_PAR64
Y14
I/O
OVDD
PCI_FRAME
AC10
I/O
OVDD
2
PCI_TRDY
AG10
I/O
OVDD
2
PCI_IRDY
AD10
I/O
OVDD
2
PCI_STOP
V11
I/O
OVDD
2
PCI_DEVSEL
AH10
I/O
OVDD
2
PCI_IDSEL
AA9
I
OVDD
PCI_REQ64
AE13
I/O
OVDD
5, 10
PCI_ACK64
AD13
I/O
OVDD
2
PCI_PERR
W11
I/O
OVDD
2
PCI_SERR
Y11
I/O
OVDD
2, 4
PCI_REQ0
AF5
I/O
OVDD
PCI_REQ[1:4]
AF3, AE4, AG4, AE5
I
OVDD
PCI_GNT[0]
AE6
I/O
OVDD
PCI_GNT[1:4]
AG5, AH5, AF6, AG6
O
OVDD
5, 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com