Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
85
Clocking
15.3 e500 Core PLL Ratio
Table 57 describes the clock ratio between the e500 core complex bus (CCB) and the e500 core clock. This ratio is
determined by the binary value of LALE and LGPL2 at power up, as shown in Table 57.
Table 56. CCB Clock Ratio
Binary Value of
LA[28:31]
Signals
Ratio Description
0000
16:1 ratio CCB clock: SYSCLK (PCI bus)
0001
Reserved
0010
2:1 ratio CCB clock: SYSCLK (PCI bus)
0011
3:1 ratio CCB clock: SYSCLK (PCI bus)
0100
4:1 ratio CCB clock: SYSCLK (PCI bus)
0101
5:1 ratio CCB clock: SYSCLK (PCI bus)
0110
6:1 ratio CCB clock: SYSCLK (PCI bus)
0111
Reserved
1000
8:1 ratio CCB clock: SYSCLK (PCI bus)
1001
9:1 ratio CCB clock: SYSCLK (PCI bus)
1010
10:1 ratio CCB clock: SYSCLK (PCI bus)
1011
Reserved
1100
12:1 ratio CCB clock: SYSCLK (PCI bus)
1101
Reserved
1110
Reserved
1111
Reserved
Table 57. e500 Core to CCB Ratio
Binary Value of
LALE, LGPL2
Signals
Ratio Description
00
2:1 e500 core:CCB
01
5:2 e500 core:CCB
10
3:1 e500 core:CCB
11
7:2 e500 core:CCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com