Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
37
Local Bus
8Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the MPC8560.
8.1 Local Bus DC Electrical Characteristics
Table 29 provides the DC electrical characteristics for the local bus interface.
8.2 Local Bus AC Electrical Specifications
Table 30 describes the general timing parameters of the local bus interface of the MPC8560 with the DLL enabled.
Table 29. Local Bus DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2
OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(VIN
1 = 0 V or V
IN = VDD)
IIN
—
±5
µA
High-level output voltage
(OVDD = min, IOH = –2 mA)
VOH
OVDD - 0.2
—
V
Low-level output voltage
(OVDD = min, IOL = 2 mA)
VOL
—
0.2
V
Note:
1.Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 30. Local Bus General Timing Parameters - DLL Enabled
Parameter
POR Configuration
Symbol 1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
6.0
—
ns
2
LCLK[n] skew to LCLK[m] or
LSYNC_OUT
tLBKSKEW
—
150
ps
3
Input setup to local bus clock
(except LUPWAIT)
tLBIVKH1
1.8
—
ns
4, 5, 8
LUPWAIT input setup to local bus
clock
tLBIVKH2
1.7
—
ns
4, 5
Input hold from local bus clock
(except LUPWAIT)
tLBIXKH1
0.5
—
ns
4, 5, 8
LUPWAIT input hold from local bus
clock
tLBIXKH2
1.0
—
ns
4, 5
LALE output transition to LAD/LDP
output transition (LATCH hold time)
tLBOTOT
1.5
—
ns
6
Local bus clock to output valid
(except LAD/LDP and LALE)
TSEC2_TXD[6:5] = 00
tLBKHOV1
—
2.0
ns
8
TSEC2_TXD[6:5] = 11
(default)
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com