Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
98
Freescale Semiconductor
System Design Information
Figure 59. Driver Impedance Measurement
The output impedance of the RapidIO port drivers targets 200-
Ω differential resistance. The value of this resistance
and the strength of the driver’s current source can be found by making two measurements. First, the output voltage
is measured while driving logic 1 without an external differential termination resistor. The measured voltage is V1
= Rsource × Isource. Second, the output voltage is measured while driving logic 1 with an external precision
differential termination resistor of value Rterm. The measured voltage is V2 = 1/(1/R1 + 1/R2)) × Isource. Solving for
the output impedance gives Rsource = Rterm × (V1/V2 – 1). The drive current is then Isource = V1/Rsource.
Table 60 summarizes the signal impedance targets. The driver impedance are targeted at minimum VDD, nominal
OVDD, 105°C.
17.6 Configuration Pin Muxing
The MPC8560 provides the user with power-on configuration options which can be set through the use of external
pull-up or pull-down resistors of 4.7 k
Ω on certain output pins (see customer visible configuration pins). These pins
are generally used as output only pins in normal operation.
While HRESET is asserted however, these pins are treated as inputs. The value presented on these pins while
HRESET is asserted, is latched when HRESET deasserts, at which time the input receiver is disabled and the I/O
circuit takes on its normal function. Most of these sampled configuration pins are equipped with an on-chip gated
Table 60. Impedance Characteristics
Impedance
Local Bus, Ethernet,
DUART, Control,
Configuration, Power
Management
PCI/PCI-X
DDR DRAM
RapidIO
Symbol
Unit
RN
43 Target
25 Target
20 Target
NA
Z0
W
RP
43 Target
25 Target
20 Target
NA
Z0
W
Differential
NA
NA
NA
200 Target
ZDIFF
W
Note: Nominal supply voltages. See Table 1, Tj = 105°C.
OVDD
OGND
RP
RN
Pad
Data
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com