Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
65
RapidIO
VOD rise time, 20%–80% of peak-to-peak
differential signal swing
tFALL
200
—
ps
3, 6
VOD fall time, 20%–80% of peak-to-peak
differential signal swing
tRISE
200
—
ps
6
Data valid
DV
1260
—
ps
Skew of any two data outputs
tDPAIR
—
180
ps
4, 6
Skew of single data outputs to associated clock
tSKEW,PAIR
–180
180
ps
5, 6
Notes:
1.See Figure 44.
2.Requires ±100 ppm long term frequency stability.
3.Measured at VOD = 0 V.
4.Measured using the RapidIO transmit mask shown in Figure 44.
5.See Figure 49.
6.Guaranteed by design.
Table 48. RapidIO Driver AC Timing Specifications—750 Mbps Data Rate
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Differential output high voltage
VOHD
200
540
mV
1
Differential output low voltage
VOLD
–540
–200
mV
1
Duty cycle
DC
48
52
%
2, 6
VOD rise time, 20%–80% of peak-to-peak
differential signal swing
tFALL
133
—
ps
3, 6
VOD fall time, 20%–80% of peak-to-peak
differential signal swing
tRISE
133
—
ps
6
Data valid
DV
800
—
ps
6
Skew of any two data outputs
tDPAIR
—
133
ps
4, 6
Skew of single data outputs to associated clock
tSKEW,PAIR
–133
133
ps
5, 6
Notes:
1.See Figure 44.
2.Requires ±100 ppm long term frequency stability.
3.Measured at VOD = 0 V.
4.Measured using the RapidIO transmit mask shown in Figure 44.
5.See Figure 49.
6.Guaranteed by design.
Table 47. RapidIO Driver AC Timing Specifications—500 Mbps Data Rate (continued)
Characteristic
Symbol
Range
Unit
Notes
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com