Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
36
Freescale Semiconductor
Figure 15 shows the MII management AC timing diagram.
Figure 15. MII Management Interface Timing Diagram
MDC fall time
tMDHF
—
—
10
ns
4
Notes:
1.The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX
symbolizes management data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are
invalid (X) or data hold time. Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data
input signals (D) reach the valid state (V) relative to the tMDC clock reference (K) going to the high (H) state or setup
time. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2.This parameter is dependent on the system clock speed (that is, for a system clock of 267 MHz, the maximum frequency
is 8.3 MHz and the minimum frequency is 1.2 MHz; for a system clock of 333 MHz, the maximum frequency is
10.4 MHz and the minimum frequency is 1.5 MHz).
3.This parameter is dependent on the system clock speed (that is, for a system clock of 267 MHz, the delay is 60 ns and
for a system clock of 333 MHz, the delay is 48 ns).
4.Guaranteed by design.
Table 28. MII Management AC Timing Specifications (continued)
At recommended operating conditions with OVDD is 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Notes
MDC
tMDDXKH
tMDC
tMDCH
tMDCR
tMDCF
tMDDVKH
tMDKHDX
MDIO
MDIO
(Input)
(Output)
tMDKHDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com