Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
27
Ethernet: Three-Speed, MII Management
Figure 7 shows the GMII transmit AC timing diagram.
Figure 7. GMII Transmit AC Timing Diagram
7.2.1.2 GMII Receive AC Timing Specifications
Table 21 provides the GMII receive AC timing specifications.
GTX_CLK data clock fall time (80%-20%)
tGTXF
2
—
—
1.0
ns
Notes:
1. The symbols used for timing specifications herein follow the pattern t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tGTKHDV symbolizes GMII transmit timing (GT) with respect to the tGTX clock reference (K) going to the high state
(H) relative to the time date input signals (D) reaching the valid state (V) to state or setup time. Also, tGTKHDX
symbolizes GMII transmit timing (GT) with respect to the tGTX clock reference (K) going to the high state (H) relative
to the time date input signals (D) going invalid (X) or hold time. Note that, in general, the clock reference symbol
representation is based on three letters representing the clock of a particular functional. For example, the subscript
of tGTX represents the GMII(G) transmit (TX) clock. For rise and fall times, the latter convention is used with the
appropriate letter: R (rise) or F (fall).
2.Guaranteed by design.
Table 21. GMII Receive AC Timing Specifications
At recommended operating conditions with LVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Input low voltage
VIL
—
—
0.7
V
Input high voltage
VIH
1.9
—
—
V
RX_CLK clock period
tGRX
—
8.0
—
ns
RX_CLK duty cycle
tGRXH/tGRX
40
—
60
ns
RXD[7:0], RX_DV, RX_ER setup time to RX_CLK
tGRDVKH
2.0
—
—
ns
RXD[7:0], RX_DV, RX_ER hold time to RX_CLK
tGRDXKH
0.5
—
—
ns
RX_CLK clock rise (20%-80%)
tGRXR
2
—
—
1.0
ns
Table 20. GMII Transmit AC Timing Specifications (continued)
At recommended operating conditions with LVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
GTX_CLK
TXD[7:0]
tGTKHDX
tGTX
tGTXH
tGTXR
tGTXF
tGTKHDV
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com