Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
9
Electrical Characteristics
2.1.1 Absolute Maximum Ratings
Table 1 provides the absolute maximum ratings.
Table 1. Absolute Maximum Ratings 1
Characteristic
Symbol
Max Value
Unit
Notes
Core supply voltage
For devices rated at 667 and 833 MHz
VDD
–0.3 to 1.32
V
PLL supply voltage
For devices rated at 667 and 833 MHz
AVDD
–0.3 to 1.32
V
DDR DRAM I/O voltage
GVDD
–0.3 to 3.63
V
Three-speed Ethernet I/O voltage
LVDD
–0.3 to 3.63
–0.3 to 2.75
V
CPM, PCI/PCI-X, local bus, RapidIO, 10/100 Ethernet,MII
management, DUART, system control and power
management, I2C, and JTAG I/O voltage
OVDD
–0.3 to 3.63
V
3
Input voltage
DDR DRAM signals
MVIN
–0.3 to (GVDD + 0.3)
V
2, 5
DDR DRAM reference
MVREF
–0.3 to (GVDD + 0.3)
V
2, 5
Three-speed Ethernet signals
LVIN
–0.3 to (LVDD + 0.3)
V
4, 5
CPM, Local bus, RapidIO,
10/100 Ethernet, SYSCLK,
system control and power
management, I2C, and JTAG
signals
OVIN
–0.3 to (OVDD + 0.3)
V
5
PCI/PCI-X
OVIN
–0.3 to (OVDD + 0.3)
V
6
Storage temperature range
TSTG
–55 to 150
°C
Notes:
1.Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only,
and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device
reliability or cause permanent damage to the device.
2.Caution: MVIN must not exceed GVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms
during power-on reset and power-down sequences.
3.Caution: OVIN must not exceed OVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms
during power-on reset and power-down sequences.
4.Caution: LVIN must not exceed LVDD by more than 0.3 V. This limit may be exceeded for a maximum of 20 ms during
power-on reset and power-down sequences.
5.(M,L,O)VIN and MVREF may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
6. OVIN on the PCI interface may overshoot/undershoot according to the PCI Electrical Specification for 3.3-V
operation, as shown in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com