Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
26
Freescale Semiconductor
Ethernet: Three-Speed, MII Management
7.2 GMII, MII, TBI, RGMII, and RTBI AC Timing Specifications
The AC timing specifications for GMII, MII, TBI, RGMII, and RTBI are presented in this section.
7.2.1 GMII AC Timing Specifications
This section describes the GMII transmit and receive AC timing specifications.
7.2.1.1 GMII Transmit AC Timing Specifications
Table 20 provides the GMII transmit AC timing specifications.
Table 19. GMII, MII, RGMII, RTBI, and TBI DC Electrical Characteristics
Parameters
Symbol
Min
Max
Unit
Supply voltage 2.5 V
LVDD
2.37
2.63
V
Output high voltage
(LVDD = Min, IOH = –1.0 mA)
VOH
2.00
LVDD + 0.3
V
Output low voltage
(LVDD = Min, IOL = 1.0 mA)
VOL
GND – 0.3
0.40
V
Input high voltage
VIH
1.70
LVDD + 0.3
V
Input low voltage
VIL
–0.3
0.70
V
Input high current
(VIN
1 = LV
DD)
IIH
—
10
µA
Input low current
(VIN
1 = GND)
IIL
–15
—
µA
Note:
1.Note that the symbol VIN, in this case, represents the LVIN symbol referenced in Table 1and Table 2.
Table 20. GMII Transmit AC Timing Specifications
At recommended operating conditions with LVDD of 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Input low voltage
VIL
—
—
0.7
V
Input high voltage
VIH
1.9
—
—
V
GTX_CLK clock period
tGTX
—
8.0
—
ns
GTX_CLK duty cycle
tGTXH/tGTX
40
—
60
%
GMII data TXD[7:0], TX_ER, TX_EN setup time
tGTKHDV
2.5
—
—
ns
GTX_CLK to GMII data TXD[7:0], TX_ER, TX_EN delay
tGTKHDX
0.5
—
5.0
ns
GTX_CLK data clock rise time (20%-80%)
tGTXR
2
—
—
1.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com