Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
11
Electrical Characteristics
Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8560.
Figure 2. Overshoot/Undershoot Voltage for GVDD/OVDD/LVDD
The MPC8560 core voltage must always be provided at nominal 1.2 V (see Table 2 for actual recommended core
voltage). Voltage to the processor interface I/Os are provided through separate sets of supply pins and must be
provided at the voltages shown in Table 2. The input voltage threshold scales with respect to the associated I/O
supply voltage. OVDD and LVDD based receivers are simple CMOS I/O circuits and satisfy appropriate LVCMOS
type specifications. The DDR SDRAM interface uses a single-ended differential receiver referenced the externally
supplied MVREF signal (nominally set to GVDD/2) as is appropriate for the SSTL2 electrical signaling standard.
Figure 3 shows the undershoot and overshoot voltage of the PCI interface of the MPC8560 for the 3.3-V signals,
respectively.
Figure 3. Maximum AC Waveforms on PCI interface for 3.3-V Signaling
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
G/L/OVDD + 20%
G/L/OVDD
G/L/OVDD + 5%
of tSYS
1
1. Note that tSYS refers to the clock period associated with the SYSCLK signal.
VIH
VIL
Note:
Undervoltage
Waveform
Overvoltage
Waveform
11 ns
(Min)
+7.1 V
7.1 V p-to-p
(Min)
4 ns
(Max)
–3.5 V
7.1 V p-to-p
(Min)
62.5 ns
+3.6 V
0 V
4 ns
(Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com