Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
56
Freescale Semiconductor
PCI/PCI-X
12 PCI/PCI-X
This section describes the DC and AC electrical specifications for the PCI/PCI-X bus of the MPC8560.
12.1 PCI/PCI-X DC Electrical Characteristics
Table 41 provides the DC electrical characteristics for the PCI/PCI-X interface of the MPC8560.
12.2 PCI/PCI-X AC Electrical Specifications
This section describes the general AC timing parameters of the PCI/PCI-X bus of the MPC8560. Note that the
SYSCLK signal is used as the PCI input clock. Table 42 provides the PCI AC timing specifications at 66 MHz.
Table 41. PCI/PCI-X DC Electrical Characteristics 1
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2
OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(VIN
2 = 0 V or V
IN = VDD)
IIN
—
±5
µA
High-level output voltage
(OVDD = min, IOH = –100 µA)
VOH
OVDD – 0.2
—
V
Low-level output voltage
(OVDD = min, IOL = 100 µA)
VOL
—
0.2
V
Notes:
1.Ranges listed do not meet the full range of the DC specifications of the PCI 2.2 Local Bus Specifications.
2.Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 42. PCI AC Timing Specifications at 66 MHz
Parameter
Symbol 1
Min
Max
Unit
Notes
SYSCLK to output valid
tPCKHOV
—
6.0
ns
2, 3
Output hold from SYSCLK
tPCKHOX
2.0
—
ns
2, 10
SYSCLK to output high impedance
tPCKHOZ
—
14
ns
2, 4, 11
Input setup to SYSCLK
tPCIVKH
3.0
—
ns
2, 5, 10
Input hold from SYSCLK
tPCIXKH
0
—
ns
2, 5, 10
REQ64 to HRESET 9 setup time
tPCRVRH
10
× tSYS
—
clocks
6, 7, 11
HRESET to REQ64 hold time
tPCRHRX
0
50
ns
7, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com