Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
12
Freescale Semiconductor
Electrical Characteristics
2.1.3 Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths. The values are preliminary
estimates.
Table 3. Output Drive Capability
Driver Type
Programmable
Output Impedance
(
Ω)
Supply
Voltage
Notes
Local bus interface utilities signals
25
OVDD = 3.3 V
1
42 (default)
PCI signals
25
2
42 (default)
DDR signal
20
GVDD = 2.5 V
TSEC/10/100 signals
42
LVDD = 2.5/3.3 V
DUART, system control, I2C, JTAG
42
OVDD = 3.3 V
RapidIO N/A (LVDS signaling)
N/A
Notes:
1. The drive strength of the local bus interface is determined by the configuration of the appropriate bits in
PORIMPSCR.
2. The drive strength of the PCI interface is determined by the setting of the PCI_GNT1 signal at reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com