Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8560 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
4
Freescale Semiconductor
Overview
— Cache mode supports instruction caching, data caching, or both
— External masters can force data to be allocated into the cache through programmed memory ranges or
special transaction types (stashing)
— Eight-way set-associative cache organization (1024 sets of 32-byte cache lines)
— Supports locking the entire cache or selected lines. Individual line locks are set and cleared through
Book E instructions or by externally mastered transactions
— Global locking and flash clearing done through writes to L2 configuration registers
— Instruction and data locks can be flash cleared separately
— Read and write buffering for internal bus accesses
— SRAM features include the following:
– I/O devices access SRAM regions by marking transactions as snoopable (global)
– Regions can reside at any aligned location in the memory map
– Byte accessible ECC is protected using read-modify-write transactions accesses for smaller than
cache-line accesses.
•
Address translation and mapping unit (ATMU)
— Eight local access windows define mapping within local 32-bit address space
— Inbound and outbound ATMUs map to larger external address spaces
– Three inbound windows plus a configuration window on PCI/PCI-X
– Four inbound windows plus a default and configuration window on RapidIO
– Four outbound windows plus default translation for PCI
– Eight outbound windows plus default translation for RapidIO
•
DDR memory controller
— Programmable timing supporting DDR-1 SDRAM
— 64-bit data interface, up to 333-MHz data rate
— Four banks of memory supported, each up to 1 Gbyte
— DRAM chip configurations from 64 Mbits to 1 Gbit with x8/x16 data ports
— Full ECC support
— Page mode support (up to 16 simultaneous open pages)
— Contiguous or discontiguous memory mapping
— Read-modify-write support for RapidIO atomic increment, decrement, set, and clear transactions
— Sleep mode support for self refresh SDRAM
— Supports auto refreshing
— On-the-fly power management using CKE signal
— Registered DIMM support
— Fast memory access via JTAG port
— 2.5-V SSTL2 compatible I/O
•
RapidIO interface unit
— 8-bit RapidIO I/O and messaging protocols
— Source-synchronous double data rate (DDR) interfaces
— Supports small type systems (small domain, 8-bit device ID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com