Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8560 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
5
Overview
— Supports four priority levels (ordering within a level)
— Reordering across priority levels
— Maximum data payload of 256 bytes per packet
— Packet pacing support at the physical layer
— CRC protection for packets
— Supports atomic operations increment, decrement, set, and clear
— LVDS signaling
•
RapidIO–compliant message unit
— One inbound data message structure (inbox)
— One outbound data message structure (outbox)
— Supports chaining and direct modes in the outbox
— Support of up to 16 packets per message
— Support of up to 256 bytes per packet and up to 4 Kbytes of data per message
— Supports one inbound doorbell message structure
•
Programmable interrupt controller (PIC)
— Programming model is compliant with the OpenPIC architecture
— Supports 16 programmable interrupt and processor task priority levels
— Supports 12 discrete external interrupts
— Supports 4 message interrupts with 32-bit messages
— Supports connection of an external interrupt controller such as the 8259 programmable interrupt
controller
— Four global high resolution timers/counters that can generate interrupts
— Supports 22 other internal interrupt sources
— Supports fully nested interrupt delivery
— Interrupts can be routed to external pin for external processing
— Interrupts can be routed to the e500 core’s standard or critical interrupt inputs
— Interrupt summary registers allow fast identification of interrupt source
•I2C controller
— Two-wire interface
— Multiple master support
— Master or slave I2C mode support
— On-chip digital filtering rejects spikes on the bus
•
Boot sequencer
— Optionally loads configuration data from serial ROM at reset via the I2C interface
— Can be used to initialize configuration registers and/or memory
— Supports extended I2C addressing mode
— Data integrity checked with preamble signature and CRC
•
Local bus controller (LBC)
— Multiplexed 32-bit address and data operating at up to 166 MHz
— Eight chip selects support eight external slaves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com