Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
89
Thermal
Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal performance at
a given air velocity, spatial volume, mass, attachment method, assembly, and cost. Several heat sinks offered by
Aavid Thermalloy, Alpha Novatech, IERC, Chip Coolers, Millennium Electronics, and Wakefield Engineering offer
different heat sink-to-ambient thermal resistances, that will allow the MPC8560 to function in various environments.
16.2.1 Recommended Thermal Model
For system thermal modeling, the MPC8560 thermal model is shown in Figure 52. Five cuboids are used to
represent this device. To simplify the model, the solder balls and substrate are modeled as a single block 29x29x1.47
mm with the conductivity adjusted accordingly. For modeling, the planar dimensions of the die are rounded to the
nearest mm, so the die is modeled as 10x12 mm at a thickness of 0.76 mm. The bump/underfill layer is modeled as
a collapsed resistance between the die and substrate assuming a conductivity of 0.6 in-plane and 1.9 W/m•K in the
thickness dimension of 0.76 mm. The lid attach adhesive is also modeled as a collapsed resistance with dimensions
of 10x12x0.050 mm and the conductivity of 1 W/m•K. The nickel plated copper lid is modeled as 12x14x1 mm.
Note that the die and lid are not centered on the substrate; there is a 1.5 mm offset documented in the case outline
drawing in Figure 50.
Figure 52. MPC8560 Thermal Model
Die
Lid
Substrate and solder balls
Heat Source
Substrate
Side View of Model (Not to Scale)
Top View of Model (Not to Scale)
x
y
z
Conductivity
Value
Unit
Lid
(12
× 14 × 1 mm)
kx
360
W/(m
× K)
ky
360
kz
360
Lid Adhesive—Collapsed resistance
(10
× 12 × 0.050 mm)
kx
1
ky
1
kz
1
Die
(10
× 12 × 0.76 mm)
Bump/Underfill—Collapsed resistance
(10
× 12 × 0.070 mm)
kx
0.6
ky
0.6
kz
1.9
Substrate and Solder Balls
(29
× 29 × 1.47 mm)
kx
10.2
ky
10.2
kz
1.6
Adhesive
Bump/underfill



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com