Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
22
Freescale Semiconductor
DDR SDRAM
MCK[n] duty cycle
tMCKH/tMCK
45
55
%
8
ADDR/CMD output valid
tDDKHOV
—
3
ns
4, 9
ADDR/CMD output invalid
tDDKHOX
1
—
ns
4, 9
Write CMD to first MDQS capture edge
tDDSHMH
tMCK + 1.5
tMCK + 4.0
ns
5
MDQ/MECC/MDM output setup with respect
to MDQS
333 MHz
266 MHz
200 MHz
tDDKHDS,
tDDKLDS
900
1100
1200
—
ps
6, 9
MDQ/MECC/MDM output hold with respect to
MDQS
333 MHz
266 MHz
200 MHz
tDDKHDX,
tDDKLDX
900
1100
1200
—
ps
6, 9
MDQS preamble start
tDDSHMP
0.75
× tMCK + 1.5 0.75 × tMCK + 4.0
ns
7, 8
MDQS epilogue end
tDDSHME
1.5
4.0
ns
7, 8
Notes:
1.The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. Output hold time can be read as
DDR timing (DD) from the rising or falling edge of the reference clock (KH or KL) until the output went invalid (OX or
DX). For example, tDDKHOV symbolizes DDR timing (DD) for the time tMCK memory clock reference (K) goes from
the high (H) state until outputs (O) are valid (V) or output valid time. Also, tDDKLDX symbolizes DDR timing (DD) for
the time tMCK memory clock reference (K) goes low (L) until data outputs (D) are invalid (X) or data output hold time.
2.All MCK/MCK referenced measurements are made from the crossing of the two signals ±0.1 V.
3.Maximum possible clock skew between a clock MCK[n] and its relative inverse clock MCK[n], or between a clock
MCK[n] and a relative clock MCK[m] or MSYNC_OUT. Skew measured between complementary signals at GVDD/2.
4.ADDR/CMD includes all DDR SDRAM output signals except MCK/MCK and MDQ/MECC/MDM/MDQS.
5.Note that tDDSHMH follows the symbol conventions described in note 1. For example, tDDSHMH describes the DDR
timing (DD) from the rising edge of the MSYNC_IN clock (SH) until the MDQS signal is valid (MH). tDDSHMH can be
modified through control of the DQSS override bits in the TIMING_CFG_2 register. These controls allow the
relationship between the synchronous clock control timing and the source-synchronous DQS domain to be modified
by the user. For best turnaround times, these may need to be set to delay tDDSHMH an additional 0.25tMCK. This will
also affect tDDSHMP and tDDSHME accordingly. See the MPC8560 PowerQUICC III Integrated Communications
Processor Preliminary Reference Manual for a description and understanding of the timing modifications enabled by
use of these bits.
6.Determined by maximum possible skew between a data strobe (MDQS) and any corresponding bit of data (MDQ),
ECC (MECC), or data mask (MDM). The data strobe should be centered inside of the data eye at the pins of the
MPC8560.
7.All outputs are referenced to the rising edge of MSYNC_IN (S) at the pins of the MPC8560. Note that tDDSHMP follows
the symbol conventions described in note 1. For example, tDDSHMP describes the DDR timing (DD) from the rising
edge of the MSYNC_IN clock (SH) for the duration of the MDQS signal precharge period (MP).
8.Guaranteed by design.
9.Guaranteed by characterization.
Table 15. DDR SDRAM Output AC Timing Specifications - DLL Mode (continued)
At recommended operating conditions with GVDD of 2.5 V ± 5%.
Parameter
Symbol 1
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com