Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
58
Freescale Semiconductor
PCI/PCI-X
Figure 40 shows the PCI/PCI-X output AC timing conditions.
Figure 40. PCI-PCI-X Output AC Timing Measurement Condition
Table 43 provides the PCI-X AC timing specifications at 66 MHz.
Table 43. PCI-X AC Timing Specifications at 66 MHz
Parameter
Symbol
Min
Max
Unit
Notes
SYSCLK to signal valid delay
tPCKHOV
—
3.8
ns
1, 2, 3,
7, 8
Output hold from SYSCLK
tPCKHOX
0.7
—
ns
1, 10
SYSCLK to output high impedance
tPCKHOZ
—
7
ns
1, 4, 8,
11
Input setup time to SYSCLK
tPCIVKH
1.7
—
ns
3, 5
Input hold time from SYSCLK
tPCIXKH
0.5
—
ns
10
REQ64 to HRESET setup time
tPCRVRH
10
—
clocks
11
HRESET to REQ64 hold time
tPCRHRX
0
50
ns
11
HRESET high to first FRAME assertion
tPCRHFV
10
—
clocks
9, 11
PCI-X initialization pattern to HRESET setup time
tPCIVRH
10
—
clocks
11
CLK
Output Delay
tPCKHOV
High-Impedance
tPCKHOZ
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com