Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
99
System Design Information
resistor of approximately 20 k
Ω. This value should permit the 4.7-kΩ resistor to pull the configuration pin to a valid
logic low level. The pull-up resistor is enabled only during HRESET (and for platform/system clocks after HRESET
deassertion to ensure capture of the reset value). When the input receiver is disabled the pull-up is also, thus allowing
functional operation of the pin as an output with minimal signal quality or delay disruption. The default value for all
configuration bits treated this way has been encoded such that a high voltage level puts the device into the default
state and external resistors are needed only when non-default settings are required by the user.
Careful board layout with stubless connections to these pull-down resistors coupled with the large value of the
pull-down resistor should minimize the disruption of signal quality or speed for output pins thus configured.
The platform PLL ratio and e500 PLL ratio configuration pins are not equipped with these default pull-up devices.
17.7 Pull-Up Resistor Requirements
The MPC8560 requires high resistance pull-up resistors (10 k
Ω is recommended) on open drain type pins including
EPIC interrupt pins. I2C open drain type pins should be pulled up with ~1 k
Ω resistors.
Correct operation of the JTAG interface requires configuration of a group of system control pins as demonstrated in
Figure 60. Care must be taken to ensure that these pins are maintained at a valid deasserted state under normal
operating conditions as most have asynchronous behavior and spurious assertion will give unpredictable results.
TSEC1_TXD[3:0] must not be pulled low during reset. Some PHY chips have internal pulldowns that could cause
this to happen. If such PHY chips are used, then a pullup must be placed on these signals strong enough to restore
these signals to a logical 1 during reset.
Three test pins also require pull-up resistors (100
Ω - 1 kΩ). These pins are L1_TSTCLK, L2_TSTCLK, and
LSSD_MODE. These signals are for factory use only and must be pulled up to OVDD for normal machine
operation.
Refer to the PCI 2.2 specification for all pull-ups required for PCI.
17.8 JTAG Configuration Signals
Boundary scan testing is enabled through the JTAG interface signals. The TRST signal is optional in the IEEE
1149.1 specification, but is provided on all processors that implement the PowerPC architecture. The MPC8560
requires TRST to be asserted during reset conditions to ensure the JTAG boundary logic does not interfere with
normal chip operation. While it is possible to force the TAP controller to the reset state using only the TCK and TMS
signals, generally systems will assert TRST during power-on reset. Because the JTAG interface is also used for
accessing the common on-chip processor (COP) function, simply tying TRST to HRESET is not practical.
The COP function of these processors allows a remote computer system (typically, a PC with dedicated hardware
and debugging software) to access and control the internal operations of the processor. The COP interface connects
primarily through the JTAG port of the processor, with some additional status monitoring signals. The COP port
requires the ability to independently assert HRESET or TRST in order to fully control the processor. If the target
system has independent reset sources, such as voltage monitors, watchdog timers, power supply failures, or
push-button switches, then the COP reset signals must be merged into these signals with logic.
The arrangement shown in Figure 60 allows the COP to independently assert HRESET or TRST, while ensuring that
the target can drive HRESET as well. If the JTAG interface and COP header will not be used, TRST should be tied
to HRESET so that it is asserted when the system reset signal (HRESET) is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com