Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
35
7.3 Ethernet Management Interface Electrical Characteristics
The electrical characteristics specified here apply to MII management interface signals MDIO (management data
input/output) and MDC (management data clock). The electrical characteristics for GMII, RGMII, TBI and RTBI
are specified in Section 7.1, “Three-Speed Ethernet Controller (TSEC)
(10/100/1Gb Mbps)—GMII/MII/TBI/RGMII/RTBI Electrical Characteristics.”
7.3.1 MII Management DC Electrical Characteristics
The MDC and MDIO are defined to operate at a supply voltage of 3.3 V. The DC electrical characteristics for MDIO
and MDC are provided in Table 27.
7.3.2 MII Management AC Electrical Specifications
Table 28 provides the MII management AC timing specifications.
Table 27. MII Management DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Supply voltage (3.3 V)
OVDD
3.13
3.47
V
Output high voltage
(OVDD = Min, IOH = –1.0 mA)
VOH
2.10
OVDD + 0.3
V
Output low voltage
(OVDD = Min, IOL = 1.0 mA)
VOL
GND
0.50
V
Input high voltage
VIH
1.70
—
V
Input low voltage
VIL
—
0.90
V
Input high current
(OVDD = Max, VIN
1 = 2.1 V)
IIH
—
40
µA
Input low current
(OVDD = Max, VIN = 0.5 V)
IIL
–600
—
µA
Note:
1.Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 28. MII Management AC Timing Specifications
At recommended operating conditions with OVDD is 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Notes
MDC frequency
fMDC
2.5
—
10.4
MHz
2, 4
MDC period
tMDC
96
—
400
ns
MDC clock pulse width high
tMDCH
32
—
—
ns
MDC to MDIO valid
tMDKHDV
2*(t(ccb_clk/8))
ns
3
MDC to MDIO delay
tMDKHDX
10
—
ns
MDIO to MDC setup time
tMDDVKH
5
—
—
ns
MDIO to MDC hold time
tMDDXKH
0
—
—
ns
MDC rise time
tMDCR
—
—
10
ns
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com