Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
38
Freescale Semiconductor
Local Bus
Local bus clock to data valid for
LAD/LDP
TSEC2_TXD[6:5] = 00
tLBKHOV2
—
2.2
ns
4, 8
TSEC2_TXD[6:5] = 11
(default)
3.7
Local bus clock to address valid for
LAD, and LALE
TSEC2_TXD[6:5] = 00
tLBKHOV3
—
2.3
ns
4, 8
TSEC2_TXD[6:5] = 11
(default)
3.8
Output hold from local bus clock
(except LAD/LDP and LALE)
TSEC2_TXD[6:5] = 00
tLBKHOX1
0.7
—
ns
4, 8
TSEC2_TXD[6:5] = 11
(default)
1.6
Output hold from local bus clock for
LAD/LDP
TSEC2_TXD[6:5] = 00
tLBKHOX2
0.7
—
ns
4, 8
TSEC2_TXD[6:5] = 11
(default)
1.6
Local bus clock to output high
Impedance (except LAD/LDP and
LALE)
TSEC2_TXD[6:5] = 00
tLBKHOZ1
—
2.5
ns
7, 9
TSEC2_TXD[6:5] = 11
(default)
3.8
Local bus clock to output high
impedance for LAD/LDP
TSEC2_TXD[6:5] = 00
tLBKHOZ2
—
2.5
ns
7, 9
TSEC2_TXD[6:5] = 11
(default)
3.8
Notes:
1.The symbols used for timing specifications herein follow the pattern of t(First two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tLBIXKH1 symbolizes local bus timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock
reference (K) goes high (H), in this case for clock one(1). Also, tLBKHOX symbolizes local bus timing (LB) for the
tLBK clock reference (K) to go high (H), with respect to the output (O) going invalid (X) or output hold time.
2.All timings are in reference to LSYNC_IN for DLL enabled mode.
3.Maximum possible clock skew between a clock LCLK[m] and a relative clock LCLK[n]. Skew measured between
complementary signals at OVDD/2.
4.All signals are measured from OVDD/2 of the rising edge of LSYNC_IN for DLL enabled to 0.4 × OVDD of the signal
in question for 3.3-V signaling levels.
5.Input timings are measured at the pin.
6.The value of tLBOTOT is defined as the sum of 1/2 or 1 ccb_clk cycle as programmed by LBCR[AHD], and the number
of local bus buffer delays used as programmed at power-on reset with configuration pins TSEC2_TXD[6:5].
7.For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current
delivered through the component pin is less than or equal to the leakage current specification.
8.Guaranteed by characterization.
9.Guaranteed by design.
Table 30. Local Bus General Timing Parameters - DLL Enabled (continued)
Parameter
POR Configuration
Symbol 1
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com