Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
83
PD[4:31]
Y1, Y2, Y3, Y4, Y5, Y6, AA8, AA7, AA4,
AA3, AA2, AA1, AB1, AB2, AB3, AB5, AB6,
AC7, AC4, AC3, AC2, AC1, AD1, AD2, AD5,
AD6, AE3, AE2
I/0
OVDD
Notes:
1.All multiplexed signals are listed only once and do not re-occur. For example, LCS5/DMA_REQ2 is listed only once
in the Local Bus Controller Interface section, and is not mentioned in the DMA section even though the pin also
functions as DMA_REQ2.
2.Recommend a weak pull-up resistor (2–10 k
Ω) be placed on this pin to OVDD.
3.This pin must always be pulled up to OVDD.
4.This pin is an open drain signal.
5.This pin is a reset configuration pin. It has a weak internal pull-up P-FET which is enabled only when the MPC8560
is in the reset state. This pull-up is designed such that it can be overpowered by an external 4.7-k
Ω pull-down
resistor.
6.Treat these pins as no connects (NC) unless using debug address functionality.
7.The value of LA[28:31] during reset sets the CCB clock to SYSCLK PLL ratio. These pins require 4.7-k
Ω pull-up or
pull-down resistors. See Section 15.2, “Platform/System PLL Ratio.”
8.The value of LALE and LGPL2 at reset set the e500 core clock to CCB Clock PLL ratio. These pins require 4.7-k
Ω
pull-up or pull-down resistors. See the Section 15.3, “e500 Core PLL Ratio.”
9.Functionally, this pin is an output, but structurally it is an I/O because it either samples configuration input during
reset or because it has other manufacturing test functions. This pin will therefore be described as an I/O for
boundary scan.
10.This pin functionally requires a pull-up resistor, but during reset it is a configuration input that controls 32- vs. 64-bit
PCI operation. Therefore, it must be actively driven low during reset by reset logic if the device is to be configured
to be a 64-bit PCI device. Refer to the PCI Specification.
11.This output is actively driven during reset rather than being three-stated during reset.
12.These JTAG pins have weak internal pull-up P-FETs that are always enabled.
13.These pins are connected to the VDD/GND planes internally and may be used by the core power supply to improve
tracking and regulation.
14.Internal thermally sensitive resistor.
15.No connections should be made to these pins.
16.These pins are not connected for any functional use.
17.PCI specifications recommend that a weak pull-up resistor (2–10 k
Ω) be placed on the higher order pins to OVDD
when using 64-bit buffer mode (pins PCI_AD[63:32] and PCI_C_BE[7:4]).
18.Note that these signals are POR configurations for Rev. 1.x and notes 5 and 9 apply to these signals in Rev. 1.x
but not in later revisions.
19 If this pin is connected to a device that pulls down during reset, an external pull-up is required to drive this pin to a
logic –1 state during reset.
20.Recommend a pull-up resistor (~1 K
Ω) b placed on this pin to OVDD.
21.These are test signals for factory use only and must be pulled up (100
Ω - 1 kΩ) to OVDD for normal machine
operation.
22.If this signal is used as both an input and an output, a weak pull-up (~10 k
Ω) is required on this pin.
Table 53. MPC8560 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com