Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8560
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8560 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8560 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
14
Freescale Semiconductor
Power Characteristics
Table 6 provides estimated I/O power numbers for each block: DDR, PCI, Local Bus, RapidIO, TSEC, and CPM.
Table 6. Estimated Typical I/O Power Consumption
Interface
Parameter
GVDD (2.5
V)
OVDD (3.3
V)
LVDD (3.3
V)
LVDD (2.5
V)
Units
Notes
DDR I/O
CCB = 200 MHz
0.50
W
1
CCB = 266 MHz
0.65
CCB = 300 MHz
0.72
CCB = 333 MHz
0.80
PCI/PCI-X I/O
32-bit, 33 MHz
0.05
W
2
32-bit 66 MHz
0.08
64-bit, 66 MHz
0.15
64-bit, 133 MHz
0.28
Local Bus I/O
32-bit, 33 MHz
0.08
W
3
32-bit, 66 MHz
0.14
32-bit, 83 MHz
0.17
32-bit, 100 MHz
0.21
32-bit, 133 MHz
0.27
32-bit, 167 MHz
0.33
RapidIO I/O
0.96
W
4
TSEC I/O
MII
10
mW
5, 6
GMII, TBI (2.5 V)
39
GMII, TBI (3.3 V)
68
RGMII, RTBI
41
CPM-FCC
MII
17
mW
7
RMII
15
HDLC 16 Mbps
9
UTOPIA-8 SPHY
66
UTOPIA-8 MPHY
111
UTOPIA-16 SPHY
104
UTOPIA-16 MPHY
149
CPM-SCC
HDLC 16 Mbps
4
mW
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com