Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 7 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 7 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 3Page - Intel Corporation LXT6155LE Datasheet HTML 4Page - Intel Corporation LXT6155LE Datasheet HTML 5Page - Intel Corporation LXT6155LE Datasheet HTML 6Page - Intel Corporation LXT6155LE Datasheet HTML 7Page - Intel Corporation LXT6155LE Datasheet HTML 8Page - Intel Corporation LXT6155LE Datasheet HTML 9Page - Intel Corporation LXT6155LE Datasheet HTML 10Page - Intel Corporation LXT6155LE Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Datasheet
7
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
Figure 1. LXT6155 Block Diagram
Data
Recovery
Clock
Recovery
PLL
Serial/
Parallel
Divide
8
RTIP
RRING
Frame Detect &
Byte Aligner
Adaptive
Equalizer
TTIP0
TRING0
CMI
Encode
TTIP1
TRING1
x 8 Synthesizer
PLL
Parallel/
Serial
RSOCLKP, RSOCLKN
RPOCLK
RPOD<7:0>
RPOS, RNEG
LOS
ROFP/CMIERR
TPOS, TNEG
TPID<7:0>
TSICLKP, TSICLKN
TPICLK
Local
Loopback
8
2
2
Loss of Signal
(LOS)
Frequency
Doubler
2
2
8
Remote
Loopback
Control
Logic
Control
Registers
4
HWSEL
RLIS,
LLIS
2
XTALIN
XTALOUT
Optional
19.4MHz crystal
Equalizer
Control
CMI/NRZ
Decode
LOCK
RXISH
TXISH
mP Control (CS, SCLK, SDI, SDO),
Hardware (MODE0, SP, CIS, RIFE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com