Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 30 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 30 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 26Page - Intel Corporation LXT6155LE Datasheet HTML 27Page - Intel Corporation LXT6155LE Datasheet HTML 28Page - Intel Corporation LXT6155LE Datasheet HTML 29Page - Intel Corporation LXT6155LE Datasheet HTML 30Page - Intel Corporation LXT6155LE Datasheet HTML 31Page - Intel Corporation LXT6155LE Datasheet HTML 32Page - Intel Corporation LXT6155LE Datasheet HTML 33Page - Intel Corporation LXT6155LE Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
30
Datasheet
.
Table 17. Rx PLL 2, Register #9 (Address A<3:0>=1001)
Bit
Default
Mnemonic
Description
7
1
Not for customer use
6
1
Not for customer use
5:3
0.1.1
freq_det_pw
Frequency detector output pulse width ({1 to 8} * 6.43 ns)
2
1
Not for customer use
1
1
Not for customer use
0
1
Not for customer use
Table 18. Test, Register #10 (Address A<3:0>=1010)
Bit
Default
Mnemonic
Description
7
1
los_clk_ena
Enables Rx clock switching under LOS/LOCK condition:
0 = disable
1 = enable
6
0
Not for customer use
5:2
0.0.0.0
Not for customer use
1
1
Not for customer use
0
0
Not for customer use
Table 19. Register, Bias and Fuse Controls, Register #11 (Address A<3:0>=1011)
Bit
Default
Mnemonic
Description
7
0
bias_pwrdn
Power down all bias generators. This bit can be used to power down all the active
analog circuitry on the device.
0= active
1=power down
6
1
reg_reset
Register array reset, ignores remainder of transaction (active low). This register is
write only.
5:2
1.0.0.0
Not for customer use
1:0
0.0
Not for customer use
Table 20. Rx Digital 1, Register #12 (Address A<3:0>=1100)
Bit
Default
Mnemonic
Description
7
0
los_format
Combine (logical OR) LOS/LOCK function onto LOS pin:
0 = disable
1 = enable
6
1
los_amp_trim
Amplitude LOS threshold trim:
0 = Reduced ALOS dessert threshold (-3db)
1 = Nominal ALOS thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com