Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 27 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 27 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 23Page - Intel Corporation LXT6155LE Datasheet HTML 24Page - Intel Corporation LXT6155LE Datasheet HTML 25Page - Intel Corporation LXT6155LE Datasheet HTML 26Page - Intel Corporation LXT6155LE Datasheet HTML 27Page - Intel Corporation LXT6155LE Datasheet HTML 28Page - Intel Corporation LXT6155LE Datasheet HTML 29Page - Intel Corporation LXT6155LE Datasheet HTML 30Page - Intel Corporation LXT6155LE Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
Datasheet
27
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
.
Table 8.
Primary Control Register Settings, Register #0 (Address A<3:0>=0000)
Bit
Default
Mnemonic
Description
7
0
lpbk_cntl
Local loopback:
0 = No loopback
1 = Activate local loopback
6
0
Remote loopback:
0 = No loopback
1 = Activate remote loopback
5
0
pll_ref
PLL/Equalizer reference clock control:
0= UseTPICLK clock
1 = Use external crystal (XTALIN)
4
0
-
Not used
3
1
clk_inv
TPICLK polarity at system interface:
0= TPID <7:0>sampled on therisingedgeof TPICLK
1 = TPID <7:0> sampled on the falling edge of TPICLK
21
RPOCLK polarity at system interface:
0 = RPOD <7:0> transitions on the rising edge of RPOCLK
1 = RPOD <7:0> transitions on the falling edge of RPOCLK
1
0
sys_int
Systems interface mode selection:
0 = Serial mode
1 = Parallel 8 bit mode
0
0
media_sel
Media and line code selection:
0 = Fiber (NRZ)
1= Coax (CMI)
Table 9.
Tx Control, Register #1 (Address A<3:0>=0001)
Bit
Default
Mnemonic
Description
7
1
tx_ena
Tx output enable:
0 = outputs disabled
1 = outputs active
6
1
tx_dig_reset
Tx digital circuitry reset. This can be used to minimize power comsumption when
the device is disabled but not powered down. It must be enabled when the device
is active.
0= reset
1= active
50
4:1
0.1.1.1
tx_amp_trim
Transmit amplitude trim:
0000 = -21%
1111 = +24%
0
1
tx_clk_sw_ena
Tx clock detection enable. This must be disabled in SW mode when pll_ref=0
(reg#0<5>=0)
0= disable
1 = enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com