Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 32 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 32 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 28Page - Intel Corporation LXT6155LE Datasheet HTML 29Page - Intel Corporation LXT6155LE Datasheet HTML 30Page - Intel Corporation LXT6155LE Datasheet HTML 31Page - Intel Corporation LXT6155LE Datasheet HTML 32Page - Intel Corporation LXT6155LE Datasheet HTML 33Page - Intel Corporation LXT6155LE Datasheet HTML 34Page - Intel Corporation LXT6155LE Datasheet HTML 35Page - Intel Corporation LXT6155LE Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
32
Datasheet
Table 22. Read-only Register #15 (Address A<3:0>=1111)
Value of:
stat_cont
Status Output
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
00
(Status
register)
Analog LOS
Digital LOS
Tx clock
activity
alarm status
SONET
OOF signal
Unused3
Rx PLL
frequency
lock alarm
Unused3
01
Not for customer use
Not for customer use
02
Not for customer use
Not for customer use
03
(Fuse
contents-
upper bits)
Not for customer use
04
(Fuse
contents-
upper bits)
Not for customer use
Not for customer use
051,2
(Interrupt
register)
Analog LOS
interrupt
(los_ana_i)
Digital LOS
interrupt
(los_dig_i)
Tx clock
alarm
interrupt
OOF
interrupt
(oof_i)
Unused3
Unused3
Rx PLL
frequency
lock alarm
interrupt
(rx_lock_i)
CMI coding
error alarm
interrupts
(cmi_err_i)
064
(Device ID)
MSB
LSB
1. Bits 7:1 are cleared upon reading the status register (stat_cont = 00).
2. Bit 0 is cleared upon reading interrupt register (stat_cont = 05).
3. Ignore these bits during register transactions, unpredictable contents
4. Contains device revision number in hexadecimal notation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com