Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 21 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 21 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 17Page - Intel Corporation LXT6155LE Datasheet HTML 18Page - Intel Corporation LXT6155LE Datasheet HTML 19Page - Intel Corporation LXT6155LE Datasheet HTML 20Page - Intel Corporation LXT6155LE Datasheet HTML 21Page - Intel Corporation LXT6155LE Datasheet HTML 22Page - Intel Corporation LXT6155LE Datasheet HTML 23Page - Intel Corporation LXT6155LE Datasheet HTML 24Page - Intel Corporation LXT6155LE Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Datasheet
21
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
2.5.1.2
Loopback Test (RLIS and LLIS pins)
The LXT6155 allows two types of loopback test: Remote loopback and Local loopback. In Remote
loopback, the received data and clock are looped back to the transmit line interface. The LXT6155
still outputs recovered data and clock at the system interface. In Local loopback, the transmit data
is looped back to the receive input at the line interface. The LXT6155 also transmit data onto the
line interface while looping back. For descriptive diagrams, please refer to Figures 13 and 14.
2.5.1.3
Line Interface Selection (MODE Pin)
The MODE pin sets one of the two line interfaces, as described in Table 5.
2.5.1.4
Parallel/Serial Mode Selection (SP pin)
In Hardware Mode, HWSEL = Low, the LXT6155 can be set to operate in serial or parallel data
mode, depending on how the Serial/Parallel SP pin is set.
Setting the SP pin = High sets the LXT6155 to an 8-bit parallel mode. Parallel pins TPID<7:0>,
TPICLK, RPOD<7:0>, ROFP, RPOCLK, LOCK and LOS are be used. Serial pins TPOS, TNEG,
TSICLKP, TSICLKN, RPOS, RNEG, RSOCLKP, RSOCLKN are unused and should be left open.
Setting the SP pin = Low sets the LXT6155 to serial mode. Pins TPOS, TNEG, TSICLKP,
TSICLKN, RPOS, RNEG, RSOCLKP, RSOCLKN, LOCK and LOS are used. Pins TPID<7:0>,
TPICLK, RPOD<7:0> and RPOCLK are unused and should be left open.
2.5.1.5
Tx Amplitude Trim
In Hardware, serial, coax mode, the line driver output amplitude can be controlled via pins 16 to
20. Setting TXTRIMENA (pin #20) high enables the trim capability. The trim rage is -21% to
+24% in 3% steps controlled by TXTRIM0-TXTRIM3. The minimum amplitude is at 0000 and the
maximum amplitude is at 1111. This is the same control range as in SW mode.
Table 4.
Loopback Selection
RLIS
LLIS
Description
Low
Low
Normal operation. No loopback testing.
Low
High
Local loopback test activate.
High
Low
Remote loopback test activate.
High
High
Table 5.
MODE Line Interface Settings
MODE
Description
Low
Sets LVPECL NRZ mode to interface to a fiber
optic module. CMI related blocks (e.g. input/output
buffers, equalizer) are disabled.
High
Sets CMI mode to interface to a transformer and a
75
Ω coax cable. NRZ related input/output buffers
are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com