Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 23 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 23 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 19Page - Intel Corporation LXT6155LE Datasheet HTML 20Page - Intel Corporation LXT6155LE Datasheet HTML 21Page - Intel Corporation LXT6155LE Datasheet HTML 22Page - Intel Corporation LXT6155LE Datasheet HTML 23Page - Intel Corporation LXT6155LE Datasheet HTML 24Page - Intel Corporation LXT6155LE Datasheet HTML 25Page - Intel Corporation LXT6155LE Datasheet HTML 26Page - Intel Corporation LXT6155LE Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Datasheet
23
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
Figure 8. Software Mode
Figure 9. Serial Data Output Word Structure (Read Cycle: R/W=High)
Figure 10. Serial Data Input Word Structure (Write Cycle: R/W =Low)
2.6
Serial System Interface
The serial interface permits the LXT6155 to communicate with an Overhead Termination device at
155.52 Mbps. Data and clock lines are differential 3.3V LVPECL signals. Refer to Figure 11.
2.7
Parallel System Interface
Parallel interface allows the LXT6155 to communicate with the system chip at 19.44 MHz, 8 bits
per clock cycle. Data and clock lines are TTL compatible signals. Refer to Figure 12.
LXT6155
HWSEL
CS
SDI
SCLK
VCC
Chip select in
Serial data in
Serial clock in
SDO
Serial data out
ADDR0, ADDR1
Device address settings
DON'T
CARE
A2
A1
A0
Don't Care
SCLK
SDI
CS
SDO
High Impedance
Don't Care
A3
DON'T
CARE
A6
A5
A4
R/W
=1
D7
D6
D5
D4
D3
D2
D1
D0
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Don't Care
SCLK
SDI
CS
SDO
High Impedance
Don't Care
A3
A6
A5
A4
R/W
=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com