Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 29 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 29 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 25Page - Intel Corporation LXT6155LE Datasheet HTML 26Page - Intel Corporation LXT6155LE Datasheet HTML 27Page - Intel Corporation LXT6155LE Datasheet HTML 28Page - Intel Corporation LXT6155LE Datasheet HTML 29Page - Intel Corporation LXT6155LE Datasheet HTML 30Page - Intel Corporation LXT6155LE Datasheet HTML 31Page - Intel Corporation LXT6155LE Datasheet HTML 32Page - Intel Corporation LXT6155LE Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
Datasheet
29
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
3:2
0.0
agc_adapt_gain
AGC adaption step size:
00 = 1
01 = 2
10 = 4
11 = 8
1
1
afe_ena
Analog front end enable (also enables matching filter oscillator core):
0 = disabled (no bias)
1 = enabled
00
Table 13. Equalizer & AGC, Register #5 (Address A<3:0>=0101) (Continued)
Bit
Default
Mnemonic
Description
Table 14. Matching Filter 2, Register #6 (Address A<3:0>=0110)
Bit
Default
Mnemonic
Description
7:5
0.1.0
Not for customer use
4:3
1.0
Not for customer use
2:1
0.0
Not for customer use
0
1
Not for customer use
1. This register is used in CMI (co-ax) mode only.
Table 15. Slicer, Register #7 (Address A<3:0>=0111)
Bit
Default
Mnemonic
Description
7:4
0.0.0.0
Not for customer use
31
-
Unused
2
0
Not for customer use
1
0
Not for customer use
0
0
Not for customer use
Table 16. RxPLL 1, Register #8 (Address A<3:0>=1000)
Bit
Default
Mnemonic
Description
7:5
0.1.1
Not for customer use
4:3
0.0
Not for customer use
2
0
Not for customer use
1
0
Unused
0
1
Not for customer use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com