Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 17 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 17 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 13Page - Intel Corporation LXT6155LE Datasheet HTML 14Page - Intel Corporation LXT6155LE Datasheet HTML 15Page - Intel Corporation LXT6155LE Datasheet HTML 16Page - Intel Corporation LXT6155LE Datasheet HTML 17Page - Intel Corporation LXT6155LE Datasheet HTML 18Page - Intel Corporation LXT6155LE Datasheet HTML 19Page - Intel Corporation LXT6155LE Datasheet HTML 20Page - Intel Corporation LXT6155LE Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Datasheet
17
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
Figure 5. Receive Frame Synchronization and Frame Pulse Position
Figure 6. Example of CMI Encoded Binary Signa
l
A2
J0
Z0
Z0
A1
A2
A2
A1
A1
Start of SPE
End of Previous Frame
1100
1101
1011
1110
0000
1000
1001
0001
1010
0100
0011
0101
0010
0111
0110
1111
-4
-5
-3
-6
0
-1
+1
-2
+4
+3
+5
+2
+7
+6
-7
Ch
Dh
Bh
Eh
0h
8h
9h
1h
Ah
4h
3h
5h
2h
7h
6h
Fh
RPOCLK
RPOD <7:0>
Contents of
REG 13h
Hex
Binary
Table 2.
Standards Compliance
Item
SDH/SONET (Fiber)
SDH/SONET (Coax)
STM1
OC3
STM1
STS-3
Line Rate (Mbps)
155
155
155
155
Line Interface
50
Ω LVPECL
50
Ω LVPECL
75
Ω coax
75
Ω coax
Line Code
NRZ
NRZ
CMI
CMI
Signal Templates
G.957
STM1 Eye
OC3
OC3 Eye
G.703
CMI Template.
CMI Eye
STSX-3
CMI Template.
CMI Eye
Jitter
G.958
G.825
GR-253
G.813
G.825
GR-253
00
0
1
111
Binary
CMI
T/2 T/2
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com