Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 13 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 13 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 9Page - Intel Corporation LXT6155LE Datasheet HTML 10Page - Intel Corporation LXT6155LE Datasheet HTML 11Page - Intel Corporation LXT6155LE Datasheet HTML 12Page - Intel Corporation LXT6155LE Datasheet HTML 13Page - Intel Corporation LXT6155LE Datasheet HTML 14Page - Intel Corporation LXT6155LE Datasheet HTML 15Page - Intel Corporation LXT6155LE Datasheet HTML 16Page - Intel Corporation LXT6155LE Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Datasheet
13
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
2.0
Functional Description
The LXT6155 is a front-end transceiver designed for 155 Mbps OC3/STM1/ATM transmission
applications. Table 2 lists the standards with which the LXT6155 is compliant.
The LXT6155 interfaces to either a fiber transceiver or a coax cable on the line side, and on the
system side, to an SDH/SONET Overhead Terminator or an ATM UNI. The LXT6155 can function
in Hardware stand-alone mode, or in Software mode controlled through an industry standard
Motorola compatible 4-wire serial microprocessor interface.
The LXT6155 can be set to operate in either CMI mode for the 75
Ω coax interface or NRZ mode
for the optical transceiver interface. The operating mode can be set in either hardware mode by
using the MODE pin, or software mode by using Primary Control Register, bit 0.
2.1
Transmitter
In serial mode, the LXT6155 accepts both data (TPOS, TNEG) and clock signals (TSICLKP,
TSICLKN). Serial clock signals are required for the LXT6155 to run internal logic, reshape the
line transmit pulses and generate the low-jitter clocks for Tx data generation.
In parallel mode, the LXT6155 accepts data TPID<7:0> and clock TPICLK. TPICLK is internally
multiplied by 8 to yield the 155.52 MHz clock for Tx data generation.
Both serial and parallel clocks (TSICLKP/TSICLKN and TPICLK) must conform to the SONET/
SDH standard frequency accuracy requirements.
Depending on whether the selected media interface is coax or fiber, the data is CMI or NRZ
encoded respectively, and passed to the appropriate line drivers. The LXT6155 line drivers are
high-speed buffers that meet the CMI templates and industry standard LVPECL signal
requirements. The CMI output pins are TTIP0 and TRING0, and the NRZ LVPECL pins, TTIP1
and TRING1.
2.1.1
Transmitted Signal
Transmitted signals conform to the standard templates listed in Table 2.
2.1.1.1
Fiber Based G.957/GR-253 Transmission Systems
The LXT6155 provides 3.3V LVPECL compatible signals for interfacing to a fiber optic
transceiver. Please refer to Application Information for interface schematics.
2.1.2
Coax Based G.703/GR-253 Transmission Systems
The LXT6155 encodes and decodes CMI signals that are transmitted onto a 75
Ω coax cable
compliant with STM1/STS-3 CMI templates. Please refer to the CMI templates shown in Figures
24 and 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com