Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 12 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 12 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 8Page - Intel Corporation LXT6155LE Datasheet HTML 9Page - Intel Corporation LXT6155LE Datasheet HTML 10Page - Intel Corporation LXT6155LE Datasheet HTML 11Page - Intel Corporation LXT6155LE Datasheet HTML 12Page - Intel Corporation LXT6155LE Datasheet HTML 13Page - Intel Corporation LXT6155LE Datasheet HTML 14Page - Intel Corporation LXT6155LE Datasheet HTML 15Page - Intel Corporation LXT6155LE Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
12
Datasheet
62
TRING1
DO
Transmit Output Data, positive (TTIP1) and negative (TRING1).
Differential LVPECL NRZ driver outputs for a fiber optic transceiver.
63
TTIP1
64
TVCC
S
Transmit Analog Power Supply.
Table 1.
LXT6155 Pin Descriptions (Continued)
Pin #
Symbol
I/O1
Type2
Description
1. DI = Digital Input; DO = Digital Output; DI/O = Digital Input/Output; AI = Analog Input; AO = Analog Output; AI/O = Analog Input/Output; S=Supply.
2. TTL = Transistor-to-Transistor Logic (5V tolerant); LVPECL = Low-Voltage positive ECL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com