Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 42 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 42 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 38Page - Intel Corporation LXT6155LE Datasheet HTML 39Page - Intel Corporation LXT6155LE Datasheet HTML 40Page - Intel Corporation LXT6155LE Datasheet HTML 41Page - Intel Corporation LXT6155LE Datasheet HTML 42Page - Intel Corporation LXT6155LE Datasheet HTML 43Page - Intel Corporation LXT6155LE Datasheet HTML 44Page - Intel Corporation LXT6155LE Datasheet HTML 45Page - Intel Corporation LXT6155LE Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
42
Datasheet
Figure 22. Microprocessor Input Timing Diagram
Figure 23. Microprocessor Output Timing Diagram
SCLK falling edge to SDO high Z
tCDZ
0
20
ns
CS rising edge to SDO high Z
tCZ
0
20
ns
Parameter
Sym
Min
Typ
Max
Unit
Test Conditions
1
1. Typical values are at 25C and 3.3V. They are for design aid only; not guaranteed and not subject to production testing.
CS
tCWH
tCCH
tCL
tCH
tCC
SCLK
SDI
tDC
R/W
tCDH
CONTROL BYTE
DATA BYTE
SCLK
tCDZ
CS
High Z
tCDV
SDO
tCZ
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com