Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 44 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 44 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 40Page - Intel Corporation LXT6155LE Datasheet HTML 41Page - Intel Corporation LXT6155LE Datasheet HTML 42Page - Intel Corporation LXT6155LE Datasheet HTML 43Page - Intel Corporation LXT6155LE Datasheet HTML 44Page - Intel Corporation LXT6155LE Datasheet HTML 45Page - Intel Corporation LXT6155LE Datasheet HTML 46Page - Intel Corporation LXT6155LE Datasheet HTML 47Page - Intel Corporation LXT6155LE Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
44
Datasheet
Note:
The maximum “steady state” amplitude should not exceed the 0.55 V limit. Overshoots and other
transients are permitted to fall into the dotted area.
Note:
With the signal applied, the vertical position of the trace can be adjusted with the objective of
meeting the limits of the masks. Any such adjustment should be the same for both masks and should not
exceed
±0.05 V.
Figure 26. Jitter Tolerance
Table 32. Jitter Tolerance (in UIpp)
Frequency
OC3
STM1
10 Hz
15
19.3 Hz
39
30 Hz
15
300 Hz
1.5
500 Hz
1.5
6.5 kHz
1.5
1.5
65 kHz
0.15
0.15
1.3 MHz
0.15
0.15
0.1
1
10
100
1Hz
10Hz
100Hz
1KHz
10KHz
100KHz
1MHz
10MHz
Frequency
Measured Data
OC3 Template
STM1 Template



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com