Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 38 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 38 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 34Page - Intel Corporation LXT6155LE Datasheet HTML 35Page - Intel Corporation LXT6155LE Datasheet HTML 36Page - Intel Corporation LXT6155LE Datasheet HTML 37Page - Intel Corporation LXT6155LE Datasheet HTML 38Page - Intel Corporation LXT6155LE Datasheet HTML 39Page - Intel Corporation LXT6155LE Datasheet HTML 40Page - Intel Corporation LXT6155LE Datasheet HTML 41Page - Intel Corporation LXT6155LE Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
38
Datasheet
Figure 18. Transmit Parallel Input Data Timing (See Table 28)
Figure 19. Transmit Serial Input Data Timing (See Table 28)
Table 28. Transmit Timing Characteristics (See Figures 18 and 19)
Parameter
Sym
Min
Typ1
Max
Unit
Test Conditions
Transmit serial input clock frequency
155.52
MHz
Transmit serial input clock frequency error
-20
+20
ppm
Compliant with GR253
Transmit serial input clock duty cycle
45
55
%
Transmit serial input clock and data rise /fall
time
2
1.2
ns
20% - 80%
Transmit parallel input clock frequency
19.44
MHz
Transmit parallel input clock frequency error
-20
+20
ppm
Transmit parallel input clock duty cycle
45
55
%
Transmit parallel input data & clock rise/fall
time2
210
ns
TPICLK to TPID<0:7> hold time
Thtpid
3
ns
TPICLK to TPID<0:7> setup time
Tstpid
2
ns
TSICLKP(TSICLKN) to TPOS (TNEG) setup
time
Tstpos
1.25
ns
TSICLKP (TSICLKN) to TPOS (TNEG) hold
time
Thtpos
0.75
ns
1. Typical values are at 25C and 3.3V. They are for design aid only; not guaranteed and not subject to production testing.
2. Not production tested, guaranteed by design and other correlation factors.
Thtpid
TPICLK*
TPID<0:7>
Tstpid
*HW mode timing shown. In SW mode (HWSEL=1) TPICLK polarity can be inverted. See Table 8 for details.
Thtpos
TSICLKP
TPOS
TNEG
Tstpos
TSICLKN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com