Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 35 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 35 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 31Page - Intel Corporation LXT6155LE Datasheet HTML 32Page - Intel Corporation LXT6155LE Datasheet HTML 33Page - Intel Corporation LXT6155LE Datasheet HTML 34Page - Intel Corporation LXT6155LE Datasheet HTML 35Page - Intel Corporation LXT6155LE Datasheet HTML 36Page - Intel Corporation LXT6155LE Datasheet HTML 37Page - Intel Corporation LXT6155LE Datasheet HTML 38Page - Intel Corporation LXT6155LE Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
Datasheet
35
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
Figure 17. 75
Ω Coax Cable Interface
75 ohm coax
37.5 ohm strip line
75
ohm,
1%
LXT6155
VBIAS
RTIP
RRING
TTIP0
TRING0
TXISH
ATST
RXISH
15k,
1%
68nF
NC
330 nF
LXT6155
52
51
61
60
47
4
48
49
1:1
75 ohm coax
1:1
37.5 ohm,
1%
Vcc
37.5 ohm,
1%
1.0 uF
1.0 nF
37.5 ohm strip line
75 ohm
strip line
1.0 nF
1.0 uF
Table 23. Transformer Specifications
Parameter
Min
Typ
Max
Unit
Notes
Transmission, S12
-3dB Low
10
MHz
-3dB High
320
-
MHz
Return Loss, S11
-20dB Low
5
MHz
-20dB High
250
-
MHz
In-band Loss
0.5
dB
30 MHz ~ 300 MHZ
Common mode rejection
-10
dB
DC~250MHz
Cross-talk in dual packages
-40
dB
DC~156MHz
Turns ratio
0.97
1.0
1.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com