Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 24 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 24 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 20Page - Intel Corporation LXT6155LE Datasheet HTML 21Page - Intel Corporation LXT6155LE Datasheet HTML 22Page - Intel Corporation LXT6155LE Datasheet HTML 23Page - Intel Corporation LXT6155LE Datasheet HTML 24Page - Intel Corporation LXT6155LE Datasheet HTML 25Page - Intel Corporation LXT6155LE Datasheet HTML 26Page - Intel Corporation LXT6155LE Datasheet HTML 27Page - Intel Corporation LXT6155LE Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
24
Datasheet
Figure 11. Serial Interface
Figure 12. Parallel Interface
2.8
Loopback Modes
The LXT6155 provides two loopback modes that can be executed in either hardware or software
mode: local loopback and remote loopback. In remote loopback mode, the crystal reference clock
is used to center the receive PLL to prevent illegal clock looping.
2.8.1
Local Loopback
Local loopback routes the transmit line output signals (TTIP and TRING) back to the receive line
inputs (RTIP and RRING). In this mode, the line transmit output signals are active (see Figure 13).
Nevada
Overhead
Terminator/ATM UNI
DATA_OUT<0:1>
CLK_OUT<0:1>
TPOS, TNEG
TSICLKP,
TSICLKN
4
DATA_IN<0:1>
4
RPOS, RNEG
CLK_IN<0:1>
RSOCLKP,
RSOCLKN
LOS
CMIERR, LOS
4
CS
SDI
SDO
SCLK
µProcessor (optional)
Data I/O
Chip Select
Clock
9
Nevada
Overhead
Terminator/ATM UNI
Chip Select
Data I/O
Clock
CS
SDI
SDO
SCLK
µProcessor (optional)
DATA_IN<0:7>
BYTE_RCLK
RPOD<0:7>
RPOCLK
DATA_OUT<0:7>
BYTE_TCLK
TPID<0:7>
TPICLK
9
LOS, RIFP
LOS, ROFP/
CMIERR
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com