Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 16 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 16 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 12Page - Intel Corporation LXT6155LE Datasheet HTML 13Page - Intel Corporation LXT6155LE Datasheet HTML 14Page - Intel Corporation LXT6155LE Datasheet HTML 15Page - Intel Corporation LXT6155LE Datasheet HTML 16Page - Intel Corporation LXT6155LE Datasheet HTML 17Page - Intel Corporation LXT6155LE Datasheet HTML 18Page - Intel Corporation LXT6155LE Datasheet HTML 19Page - Intel Corporation LXT6155LE Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
LXT6155 — 155 Mbps SDH/SONET/ATM Transceiver
16
Datasheet
frames with incorrect frame words are required. Byte alignment occurs when entering the in-frame
state. In case of an OOF event, the byte alignment and frame pulse position are frozen. The ROFP
output continues unchanged until re-entering the in-frame state.
Figure 3. Framing State
2.2.2.1
Loss of Signal (LOS)
Loss of Signal provides an alarm signal indicating incoming signal voltage is weak or incoming
data does not contain enough transitions. This signal is available in HW mode on pin #45 and in
SW mode as status and interrupt (Reg #15, modes 00 and 05).
2.2.2.2
Coax Interface
Loss of Signal provides an alarm output that indicates weak line input signal. The LOS signal
asserts when the incoming signals fall below a specified loss threshold, and de-asserts when the
line signal rises nominally 2dB above the assert threshold. The threshold is adjustable in SW mode
(HWSEL = High) via the
µProcessor interface.
2.2.2.3
Fiber Interface
If no transition is detected during any 3112 bit times (20
µsec), LOS asserts. LOS is cleared when
two consecutive frame words with no LOS events between then are received. In SW mode
(HWSEL = High) the assertion window is programmable from 128 bits to 4096 bits in four steps.
The deassertion criteria can also be configured to 12.5% transition density. The 12.5% density is
determined by receipt of at least 4 transitions during a 32 bit sliding window.
Figure 4. Criteria for LOS Output
In Frame
4 consecutive frames
with errored FAS
2 consecutive frames
with correct FAS
Out of Frame
Nominal Value
LOS
De-assert
LOS
Assert
Level below nominal
HYS = 3 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com