Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT6155LE Datasheet(PDF) 9 Page - Intel Corporation

Part # LXT6155LE
Description  155 Mbps SDH/SONET/ATM Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT6155LE Datasheet(HTML) 9 Page - Intel Corporation

Back Button LXT6155LE Datasheet HTML 5Page - Intel Corporation LXT6155LE Datasheet HTML 6Page - Intel Corporation LXT6155LE Datasheet HTML 7Page - Intel Corporation LXT6155LE Datasheet HTML 8Page - Intel Corporation LXT6155LE Datasheet HTML 9Page - Intel Corporation LXT6155LE Datasheet HTML 10Page - Intel Corporation LXT6155LE Datasheet HTML 11Page - Intel Corporation LXT6155LE Datasheet HTML 12Page - Intel Corporation LXT6155LE Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Datasheet
9
155 Mbps SDH/SONET/ATM Transceiver — LXT6155
Table 1.
LXT6155 Pin Descriptions
Pin #
Symbol
I/O1
Type2
Description
1
XTALIN
AI/O
Crystal Input/Output. These pins are connected to an external 19.44
MHz crystal. Alternately, a stable external clock signal may be connected
to XTALIN with XTALOUT left open. XTALIN should be connected to
TAGND and XTALOUT should be left open if the transmit input clock is
used as a clock reference
2XTALOUT
3TAGND
S
Transmit Analog Ground.
4
TXISH
AI/O
Transmit PLL Loop Filter Pin. Connecting a capacitor to TAGND from
this pin controls the Tx PLL transfer function. This pin requires a 68nF
captoTAGND.
5TAVCC
S
Transmit Analog Power Supply.
6
TDVCC
S
Transmit Digital Power Supply.
7
TSICLKP
DI
LVPECL
Transmit Serial Input Clock, positive and negative. Differential
Transmit clocks at 155.52 MHz. These pins are disabled when parallel
mode is selected.
8
TSICLKN
9
TPOS
DI
LVPECL
Transmit Serial Input Data, positive and negative. Differential input
data from an overhead terminator at 155.52 Mbps, clocked in by TSICLK.
These pins are disabled when parallel mode is selected.
10
TNEG
11
TDGND
S
Transmit Digital Ground.
12
CS/MODE
DI
TTL
Chip Select Input, software mode (HWSEL = High). Register
transactions through the
µP interface are initiated by the falling edge of
this signal.
Line Interface Mode, hardware mode (HWSEL =Low). Sets line
interface modetoLVPECL(MODE =Low) or CMI (MODE = High).
13
SCLK/SP
DI
TTL
Serial Clock Input, software mode (HWSEL = High). Serial
Microprocessor uses this pin to clock in/out data. SCLK can be from 0 to
4.096 MHz.
Serial/Parallel Select, hardware mode (HWSEL =Low). When
SP = Low, serial systems interface is used. When SP = High, 8 bit
parallel system interface is used.
14
SDI/CIS
DI
TTL
Serial Input Data, software mode (HWSEL = High). The serial data is
applied to this pin when the LXT6155 operates in software mode. SDI is
sampled on the rising edge of SCLK.
Clock Input Select, hardware mode (HWSEL = Low). CIS sets the
reference clock for centering the Rx PLL. If CIS = Low, then the LXT6155
uses the transmit input clock as the reference. If CIS = High, then the
LXT6155 uses the crystal clock input (XTALIN) as the reference.
15
SDO/RIFE
DI/O
TTL
Serial Output Data, software mode (HWSEL = High). The serial data
from the on-chip register is output on this pin in software mode. Data
output is valid on the rising edge of SCLK. This pin goes to a high
impedance state when the serial port is being written to or when CS is
High.
Receive Input Frame Enabler, hardware mode (HWSEL = Low). The
frame detection option is available only in parallel mode. If RIFE = Low,
then the LXT6155 disables the frame detection, and byte alignment. If
RIFE = High, then the LXT6155 enables the frame detection, and outputs
RPOD bytes aligned to the SONET/SDH framer. This feature, if used,
must be enabled prior to applying data to Rtip/Rring.
1. DI = Digital Input; DO = Digital Output; DI/O = Digital Input/Output; AI = Analog Input; AO = Analog Output; AI/O = Analog Input/Output; S=Supply.
2. TTL = Transistor-to-Transistor Logic (5V tolerant); LVPECL = Low-Voltage positive ECL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com